Part Number Hot Search : 
DUG100A 080B1 MAX3081 MAX3081 PP2341 1SS380 S0303 E423121
Product Description
Full Text Search
 

To Download BC856S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856S
PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage Two ( galvanic) internal isolated Transistors with good matching in one package
4 5 6

2 1
C1 6 B2 5 E2 4
3
VPS05604
TR2 TR1
1 E1
2 B1
3 C2
EHA07175
Type BC856S
Maximum Ratings Parameter
Marking 3Ds
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Symbol VCEO VCBO VCES VEBO IC ICM Ptot Tj Tstg
Value 65 80 80 5 100 200 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Collector-emitter voltage Emitter-base voltage DC collector current Peak collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature
mA mW C
Thermal Resistance Junction - soldering point1) RthJS
140
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Nov-29-2001
BC856S
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics per Transistor Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Collector-emitter breakdown voltage IC = 10 A, VBE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter voltage 1) IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V VBE(ON) 600 650 750 820 VBEsat 700 850 VCEsat 90 250 300 650 hFE 200 250 290 475 ICBO 5 ICBO 15 V(BR)EBO 5 V(BR)CES 80 V(BR)CBO 80 V(BR)CEO 65 typ. max.
Unit
V
nA A -
mV
1) Pulse test: t < 300s; D < 2%
2
Nov-29-2001
BC856S
Electrical Characteristics at TA = 25 C, unless otherwise specified. Symbol Values Parameter min. AC characteristics Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 2 mA, VCE = 5 V, f = 1 kHz IC = 2 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 200 A, VCE = 5 V, RS = 2 k, F f = 200 Hz 10 Open-circuit output admittance h21e h22e 330 30 h12e 2 h11e 4.5 Ceb 8 Ccb 3 fT 250 typ. max.
Unit
MHz pF
k 10-4 S
dB
f = 1 kHz,
3
Nov-29-2001
BC856S
Total power dissipation Ptot = f (TS )
300
mW
Ptot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
10 2
Ptotmax/PtotDC
-
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Nov-29-2001
BC856S
Transition frequency fT = f (IC) VCE = 5V
10 3 MHz
EHP00378
Collector-base capacitance CCB = f (VCBO) Emitter-base capacitance CEB = f (VEBO)
BC 856...860 EHP00376
fT
5
C CB0 ( C EB0 )
12 pF 10
8
C EBO
10 2
6
5
4
C CBO
2
10 1 10 -1
5 10 0
5
10 1
mA C
10 2
0 10 -1
5
10 0
V VCB0
10 1 (VEB0 )
Collector cutoff current ICBO = f (TA) VCB = 30V
10 4 nA
EHP00381
Collector-emitter saturation voltage IC = f (VCEsat), h FE = 20
10 2
EHP00380
CB0
10 3 5 10 2 5 10 1 5 10 5 10 -1
0
C
mA 100 C 25 C -50 C
max
10 1 5
typ
10 5
0
0
50
100
C TA
150
10 -1
0
0.1
0.2
0.3
0.4
V 0.5 VCEsat
5
Nov-29-2001
BC856S
DC current gain hFE = f (IC ) VCE = 5V
10 3
EHP00382
Base-emitter saturation voltage IC = f (VBEsat), hFE = 20
10 2 mA
EHP00379
h FE 5
100 C 25 C
C
100 C 25 C -50C
10 2 5
-50 C
10 1 5
10 1 5
10 0 5
10 0 10 -2
5 10 -1
5 10 0
5 10 1
mA 10 2
10 -1
0
0.2
0.4
0.6
0.8
C
V 1.2 V BEsat
6
Nov-29-2001


▲Up To Search▲   

 
Price & Availability of BC856S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X